|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ADSL Transformers for Motorola's Chipsets Features * complies with ANSI and ETSI requirements * matched to Motorola's MC03AX1456RT, MC03AX1456, MC143460 & MC143462 chipsets * very low THD * 1500V minimum isolation * all material approved to UL94V-0 * excellent quality at competitive price due to high volume production * manufactured in an ISO-9001:2000, TS-16949:2002 and ISO-14001:2004 certified Talema facility * fully RoHS compliant and meets lead free reflow level J-STD-020C Electrical Specifications @ 25C * Operating Temperature -40 to +85C Part Number AEP300-T AEP300-S AEP310-T AEP310-S AEP320-T AEP320-S AEP330-T AEP330-S P ackag e IC Driver Turns LP Ratio (mH) 2% 5% Line : IC 1 : 1.8 3.96 LL (H) Max 25 CWW (pF) Max 50 DCR (Ohms) Max Line / IC 4.40 / 8.00 Longitudinal Insertion TH D L o ss Balance (Linearity) Max Min Typical -80dB 30kHz -80dB 100kHz -80dB 100kHz -80dB 30kHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz -40dB 25kHz-1MHz 0.5dB 100kHz 0.5dB 100kHz 0.5dB 100kHz 0.5dB 100kHz Freq. R esp o n se Max 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz 0.5dB 30kHz-1.1MHz Isolation Voltage (Vrms) 1500 TH SMD TH SMD TH MC03ZX1456RT C PE MC03AX1456 C O & C PE MC143460/462 1.2 : 1 3.96 15 50 4.20 / 3.80 1500 1.2 : 1 3.96 15 50 2.90 / 2.50 1500 SMD TH SMD MC0SAX1456RT C PE 1 : 1.8 3.96 25 60 4.40 / 8.00 1500 Package "S" 0.516 (13.11) max TALEMA IN AEP300-S Date Code 0.028 (0.71) 0.709 (18.00) 0.100 (2.54) 0.394 (10.0) Package "T" Schematic AEP300-T & S AEP310-T & S 0.531 (13.50) max. TALEMA IN AEP310-T Date Code Line 1 3 2 4 IC 9 8 7 0.394 (10.0) 0.098(2.50) * * 0.524 (13.30) max. Note: P/N's AEP330-S & T will be supplied without pin #3 0.051 (1.30) AEP320-T & S AEP330-T & S Line 1 4 2 5 IC 10 6 9 7 0.492 (12.50) max. 0.173 (4.40) 0.675 (17.15) max. 0.394 (10.00) 0.535 (13.60) O 0.024 (0.60) 0.098 (2.50) 0.394 (10.00) 0.547 (13.90) Dimensions: Inches(Millimeters) Tolerance: 0.010 (0.25) Weight: 6.8 grams THE TALEMA GROUP * Magnetic Components for ISDN / xDSL / LAN Data Communications (05-06) Communications \ xDSL\ADSL Motorola |
Price & Availability of AEP300-S |